Part Number Hot Search : 
D965AL NTE7417 CD4130D TSC1224 A5941 N5266C CTA41AS5 MJD117T4
Product Description
Full Text Search
 

To Download CJD32C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CJD31C NPN CJD32C PNP COMPLEMENTARY SILICON POWER TRANSISTOR
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CJD31C, CJD32C types are Complementary Silicon Power Transistors manufactured by the epitaxial base process, mounted in a surface mount package designed for power amplifier and high speed switching applications. MARKING CODE: FULL PART NUMBER
DPAK TRANSISTOR CASE
MAXIMUM RATINGS: (TC=25C unless otherwise noted) SYMBOL Collector-Base Voltage VCBO Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Collector Current Base Current Power Dissipation Power Dissipation (TA=25C) Operating and Storage Junction Temperature Thermal Resistance Thermal Resistance VCEO VEBO IC ICM IB PD PD TJ,Tstg JC JA UNITS V V V A A A W W C C/W C/W
100 100 5.0 3.0 5.0 1.0 15 1.56 -65 to +150 8.33 80.1
ELECTRICAL CHARACTERISTICS (TC=25C unless otherwise noted) SYMBOL ICEO ICES IEBO BVCEO VCE(SAT) VBE(ON) hFE hFE fT hfe TEST CONDITIONS VCE=60V VCE=100V VEB=5.0V IC=30mA IC=3.0A, IB=375mA VCE=4.0V, IC=3.0A VCE=4.0V, IC=1.0A VCE=4.0V, IC=3.0A VCE=10V, IC=500mA, f=1.0MHz VCE=10V, IC=500mA, f=1.0kHz 25 10 3.0 20 50 MHz 100 1.2 1.8 MIN MAX 50 20 1.0 UNITS A A mA V V V
R1 (26-September 2002)
Central
TM
Semiconductor Corp.
CJD31C NPN CJD32C PNP COMPLEMENTARY SILICON POWER TRANSISTOR
DPAK TRANSISTOR CASE - MECHANICAL OUTLINE
LEAD CODE: B) BASE C) COLLECTOR E) EMITTER C) COLLECTOR MARKING CODE: FULL PART NUMBER
R1 (26-September 2002)


▲Up To Search▲   

 
Price & Availability of CJD32C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X